Part Number Hot Search : 
98C51 74LVC1 NUB611T MAC224 TSH51107 HM112 D4C0412S TE010
Product Description
Full Text Search
 

To Download RT9261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the RT9261 series are vfm step-up dc/dc ics with ultra low supply current by cmos process and suitable for use with battery-powered instruments. the RT9261 ic consists of an oscillator, a vfm control circuit, a driver transistor (lx switch), a reference voltage unit, an error amplifier, resistors for voltage detection, and a lx switch protection circuit. a low ripple and high efficiency step-up dc/dc converter can be constructed of this RT9261 ic with only three external components. the RT9261a ic provides with a drive pin (ext) for an external transistor, so that a power transistor can be externally applied. therefore, the RT9261a ic is recommended for applications where large currents are required. ce pin enables circuit to set the standby supply current at a maximum of 0.5 a. ordering information RT9261a- ?? ? ? features z minimal number of external components ( only an inductor, a diode, and a capacitor) z ultra low input current ( 5 a at switch off) z 2% high output voltage accuracy z low ripple and low noise z low start-up voltage, 0.85v at 1ma z 75% efficiency with low cost inductor z +50 ppm/ c low temperature-drift z sot-89 and sot-25 small packages applications z power source for battery-powered equipment z power source for cameras, camcorders, vcrs, pdas, pagers, electronic data banks, and hand- held communication equipment z power source for applications, which require higher voltage than that of batteries used in the appliances pin configurations part number pin configurations RT9261- ?? cx (plastic sot-89) top view 1. gnd 2. vout (tab) 3. lx RT9261a- ?? cx (plastic sot-89) top view 1. gnd 2. vout (tab) 3. ext RT9261- ?? cb (plastic sot-25) top view 1. ce 2. vout 3. nc 4. gnd 5. lx RT9261a- ?? cb (plastic sot-25) top view 1. ce 2. vout 3. nc 4. gnd 5. ext operating temperature range c: commercial standard package type b : sot-25 x : sot-89 output voltage 15 : 1.5v 16 : 1.6v : 49 : 4.9v 50 : 5.0v a : use external switch use internal switch 123 123 54 3 2 1 54 3 2 1 RT9261/a product specification 1 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
absolute maximum ratings z output voltage 8v z lx pin voltage (1) 8v z ext pin voltage (2) -0.3 to v out +0.3v z ce pin voltage (3) -0.3 to v out +0.3v z lx pin output current (1) 250ma z ext pin current (2) 50ma z power dissipation, p d @ t a = 25 c z sot-89 0.5w sot-25 0.25w z package thermal resistance sot-89, jc 100 c/w sot-89, ja 300 c/w sot-25, ja 250 c/w z operating temperature range -20 to +85 c z storage temperature range 165 c z lead temperature (soldering, 10 sec.) 260 c notes: (1) applicable to RT9261- ?? cx and RT9261- ?? cb (2) applicable to RT9261a- ?? cx and RT9261a- ?? cb (3) applicable to RT9261- ?? cb and RT9261a- ?? cb electrical characteristics (refer to fig. 1) parameter symbol test conditions min typ max units output voltage accuracy ? v out -2 -- +2 % input voltage v in -- -- 7 v start-up voltage v st i out = 1ma, v in : 0 2v -- 0.85 1.0 v hold-on voltage v ho i out = 1ma, v in : 2 0v 0.7 -- -- v v out 3.5v (1) -- 15 18 input current 1 3.5v < v out 5v (2) to be measured at v in at no load -- 18 24 a input current 2 to be measured at v out in switch off condition -- 5 8 a v out 3.5v (1) 60 -- -- lx switching current 3.5v < v out 5v (2) i switching v lx = 0.4v 80 -- -- ma lx leakage current i leakage v lx = 6v -- -- 0.5 a maximum oscillator f max 80 120 160 khz oscillator duty cycle d osc on ( v lx ? l ? ) side 65 75 85 % efficiency -- 75 -- % v lx voltage limit l x switch on 0.65 0.8 1.0 v notes: (1) v in = 1.8v, vss = 0v, i out = 10ma, t opt = 25 c, and external circuit of typical application (2) v in = 3v, vss = 0v, i out = 10ma, t opt = 25 c, and external circuit of typical application RT9261/a product specification 2 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (refer to fig. 2) parameter symbol test conditions min typ max units output voltage accuracy ? v out -2 -- +2 % input voltage v in -- -- 7 v start-up voltage v st i out = 1ma, v in : 0 2v -- 0.85 1.0 v v out 3.5v (1) -- 30 50 input current 1 3.5v < v out 5v (2) to be measured at v in at no load -- 60 90 a v out 3.5v (1) input current 2 3.5v < v out 5v (2) to be measured at v out in switch off condition -- 6 10 a v out 3.5v (1) -1.5 -- -- ext ?h? output current 3.5v < v out 5v (2) v ext = v out ? 0.4v -2 -- -- ma v out 3.5v (1) 1.5 -- -- ext ?l? output current 3.5v < v out 5v (2) v ext = 0.4v 2---- ma maximum oscillator frequency f max 80 120 160 khz oscillator duty cycle d osc v ext ? h ? side 65 75 85 % notes: (1) unless otherwise provided, v in = 1.8v, vss = 0v, i out = 10ma, t opt = 25 c, and use external circuit of typical application (2) unless otherwise provided, v in = 3v, vss = 0v, i out = 10ma, t opt = 25 c, and external circuit of typical application RT9261/a product specification 3 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (refer to fig. 3) parameter symbol test conditions min typ max units output voltage accuracy ? v out -2 -- +2 % input voltage v in -- -- 7 v start-up voltage v st i out = 1ma, v in : 0 2v -- 0.85 1.0 v hold-on voltage v ho i out = 1ma, v in : 2 0v 0.7 -- -- v v out 3.5v (1) -- 75 -- efficiency 3.5v < v out 5v (2) -- 85 -- % v out 3.5v (1) -- 15 18 input current 1 3.5v < v out 5v (2) to be measured at v in at no load -- 18 24 a v out 3.5v (1) -- 5 8 input current 2 3.5v < v out 5v (2) to be measured at v out in switch off condition -- 6 10 a v out 3.5v (1) 60 -- -- lx switching current 3.5v < v out 5v (2) i switching v lx = 0.4v 80 -- -- ma lx leakage current i leakage v lx = 6v -- -- 0.5 a ce ?h? level v in = v out 0.9 0.4 v out -- -- v ce ? l? level v in = v out 0.9 -- -- 0.2 v ce ? h? input current ce = v out -- -- 0.5 a ce ? l? input current ce = 0v -0.5 -- -- a maximum oscillator frequency f max 80 120 160 khz oscillator duty cycle d osc on (v lx ? l? ) side 65 75 85 % v lx voltage limit lx switch on 0.65 0.8 1.0 v notes: (1) unless otherwise provided, v in = 1.8v, vss = 0v, i out = 10ma, t opt = 25 c, and use external circuit of typical application (2) unless otherwise provided, v in = 3v, vss = 0v, i out = 10ma, t opt = 25 c, and external circuit of typical application RT9261/a product specification 4 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (refer to fig. 4) parameter symbol test conditions min typ max units output voltage accuracy ? v out -2 -- +2 % input voltage v in -- -- 7 v start-up voltage v st i out = 1ma, v in : 0 2v -- 0.85 1.0 v v out 3.5v (1) -- 75 -- efficiency 3.5v < v out 5v (2) -- 85 -- % v out 3.5v (1) -- 30 50 input current 1 3.5v < v out 5v (2) to be measured at v in at no load -- 60 90 a v out 3.5v (1) input current 2 3.5v < v out 5v (2) to be measured at v out in switch off condition -- 6 10 a v out 3.5v (1) -1.5 -- -- ext ?h? output current 3.5v < v out 5v (2) v ext = v out ? 0.4v -2 -- -- ma v out 3.5v (1) 1.5 -- -- ext ?l? output current 3.5v < v out 5v (2) v ext = 0.4v 2---- ma ce ?h? level v in = v out 0.9 0.4 v out -- -- v ce ? l? level v in = v out 0.9 -- -- 0.2 v ce ? h? input current ce = v out -- -- 0.5 a ce ? l? input current ce = 0v -0.5 -- -- a maximum oscillator frequency f max 80 120 160 khz oscillator duty cycle d osc on (v lx ? l? ) side 65 75 85 % v lx voltage limit lx switch on 0.65 0.8 1.0 v notes: (1) unless otherwise provided, v in = 1.8v, vss = 0v, i out = 10ma, t opt = 25 c, and use external circuit of typical application (2) unless otherwise provided, v in = 3v, vss = 0v, i out = 10ma, t opt = 25 c, and external circuit of typical application RT9261/a product specification 5 of 5 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of RT9261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X